Part Number Hot Search : 
11411120 78054 SP703EN MC4002 LYP476 1623R 90TFIR10 P1800SA
Product Description
Full Text Search
 

To Download UWF1E220MCL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ALUMINUM ELECTROLYTIC CAPACITORS
WF
Item
Chip Type, Low Impedance
series
Chip type, low impedance temperature range up to +105C. Designed for surface mounting on high density PC board. Applicable to automatic mounting machine using carrier tape. Adapted to the RoHS directive (2002/95/EC).
WG
Low Impedance
Specifications
Category Temperature Range Rated Voltage Range Rated Capacitance Range Capacitance Tolerance Leakage Current tan
WF
Low Impedance
WT
Performance Characteristics
- 55 ~ +105C 6.3 ~ 35V 1 ~ 220F 20% at 120Hz, 20C After 2 minutes' application of rated voltage, leakage current is not more than 0.01CV or 3 (A) , whichever is greater.
Measurement frequency : 120Hz, Rated voltage (V) tan ( MAX.) Temperature : 20C
6.3 0.22
10 0.19 6.3 2 4
16 0.16 10 2 4 16 2 3
25 0.14 25 2 3
35 0.12 35 2 3
Within 20% of initial value 200% or less of initial specified value Initial specified value or less
Measurement frequency : 120Hz
Stability at Low Temperature
Rated voltage (V) Z- 25C / Z+20C Impedance ratio Z- 55C / Z+20C ZT / Z20 (MAX.)
Endurance
After 1000 hours' application of rated voltage at 105C, capacitors meet the characteristic requirements listed at right.
Capacitance change tan Leakage current
Shelf Life Resistance to soldering heat Marking
After storing the capacitors under no load at 105C for 1000 hours, and after performing voltage treatment based on JIS C 5101-4 clause 4.1 at 20C, they will meet the specified value for endurance characteristics listed above. The capacitors shall be kept on the hot plate maintained at 250C, Within 10% of initial value Capacitance change for 30 seconds. After removing from the hot plate and restored tan Initial specified value or less at room temperature, they meet the characteristic requirements listed Leakage current Initial specified value or less at right. Black print on the case top.
Chip Type
(4 ~ 6.3)
105C Marking Capacitance Lot No. 0.5 MAX. Plastic platform Voltage D0.5 0.3 MAX. C0.2 Positive
Type numbering system (Example : 16V 10F)
1 2 3 4 5 6 7 8 9 10 11 12 13 14
UWF 1 C 1 0 0 MC L 1 G B
A0.2 A0.2
D 4 ~ 6.3 8
Code GB GS
B0.2
X2P 10 16V
E
Taping code Configuration Capacitance tolerance (20%) Rated Capacitance (10F)
(mm)
D
5.4
+0.1 -0.2
(8)
105C Marking Capacitance Trade mark Plastic platform 0.3 MAX. Voltage D0.5
0.5 ~ 0.8
Negative Positive 0.5 MAX. 4 1.8 4.3 4.3 1.0 5 2.1 5.3 5.3 1.3 6.3 2.4 6.6 6.6 2.2 8 3.3 8.3 8.3 2.3
Rated voltage (16V) Series name Type
C0.2
A B A0.2 A0.2 C E
B+ 0.2 -
X2P 100 16V
Lot No.
6.20.3
E
Dimensions
V Cap. (F) Code
0.5 ~ 0.8
Negative
Voltage mark for 6.3V is 6V.
6.3 0J
10 1A
16 1C
25 1E
1 1.5 2.2 3.3 4.7 6.8 10 15 22 33 47 68 100 150 220
010 1R5 2R2 3R3 4R7 6R8 100 150 220 330 470 680 101 151 221
4 5 5 6.3 6.3 8 8
5.0 2.6 2.6 1.3 1.3 0.8 0.8
50 80 80 115 115 150 150
5 5 6.3 6.3 8 8
2.6 2.6 1.3 1.3 0.8 0.8
80 80 115 115 150 150
4 5 5 6.3 6.3 8 8
5.0 2.6 2.6 1.3 1.3 0.8 0.8
50 80 80 115 115 150 150
4 4 5 6.3 6.3 6.3 8 8
5.0 5.0 2.6 1.3 1.3 1.3 0.8 0.8
50 50 80 115 115 115 150 150
4 4 4 4 4 5 5 6.3 6.3 8 8
35 1V 5.0 5.0 5.0 5.0 5.0 2.6 2.6 1.3 1.3 0.8 0.8
50 50 50 50 50 80 80 115 115 150 150
Case size D (mm)
Impedance Rated ripple
Frequency coefficient of rated ripple current
Frequency Coefficient 50 Hz 0.35 120 Hz 0.50 300 Hz 0.64 1 kHz 0.83 10 kHz~ 1.00
Max. Impedance () at 20C 100kHz Rated Ripple (mArms) at 105C 100kHz
Taping specifications are given in page 24. Recommended land size, soldering by reflow are given in page 25, 26. Please select UJ(p.76) series if high C/V products are reqired. Please refer to page 3 for the minimum order quantity.
CAT.8100V


▲Up To Search▲   

 
Price & Availability of UWF1E220MCL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X